전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4450 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN4450
상세설명  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 데이터시트(HTML) 2 Page - STMicroelectronics

  AN4450 Datasheet HTML 1Page - STMicroelectronics AN4450 Datasheet HTML 2Page - STMicroelectronics AN4450 Datasheet HTML 3Page - STMicroelectronics AN4450 Datasheet HTML 4Page - STMicroelectronics AN4450 Datasheet HTML 5Page - STMicroelectronics AN4450 Datasheet HTML 6Page - STMicroelectronics AN4450 Datasheet HTML 7Page - STMicroelectronics AN4450 Datasheet HTML 8Page - STMicroelectronics AN4450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Contents
AN4450
2/26
DocID025978 Rev 1
Contents
1
Pressure sensor evaluation boards . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Hardware (designing PCB schematics and layout) . . . . . . . . . . . . . . . . 6
2.1
LPS25H device package, interconnect and polarization . . . . . . . . . . . . . . 6
2.1.1
Package drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1.2
Pin mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1.3
Typical application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.2
Pressure sensor PCB layout and soldering recommendations . . . . . . . . . 9
2.2.1
PCB design rules . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.2.2
Stencil design and solder paste application . . . . . . . . . . . . . . . . . . . . . . 10
2.2.3
Process consideration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.2.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3
Power supply: consumption estimation and optimization . . . . . . . . . 12
3.1
Common rules for low power consumption . . . . . . . . . . . . . . . . . . . . . . . 14
4
Using the device step-by-step, from basic to advanced . . . . . . . . . . . 15
4.1
First time bring-up (I²C example) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.2
Quick troubleshooting guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.3
One-shot mode measurement sequence . . . . . . . . . . . . . . . . . . . . . . . . . 16
5
Using FIFO modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5.1
Effective use of the FIFO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5.1.1
Accessing the FIFO data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5.1.2
Bypass mode (F_MODE[2..0]="000" in FIFO_CTRL (0x2E)) . . . . . . . . 18
5.1.3
FIFO mode (F_MODE[2..0]="001" in FIFO_CTRL (0x2E)) . . . . . . . . . . 18
5.1.4
Stream mode (F_MODE[2..0]="010" in FIFO_CTRL (0x2E)) . . . . . . . . 18
5.1.5
FIFO mean mode (F_MODE[2..0]="110" in FIFO_CTRL (0x2E)) . . . . . 18
5.1.6
Hardware digital filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
5.2
Extra FIFO modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
5.2.1
Stream to FIFO mode (F_MODE[2..0]="011" in FIFO_CTRL (0x2E)) . . 20
5.2.2
Bypass to Stream mode (F_MODE[2..0]="100" in FIFO_CTRL (0x2E)) 20
5.2.3
Bypass to FIFO mode (F_MODE[2..0]="111" in FIFO_CTRL (0x2E)) . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com