전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4450 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4450
상세설명  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4450 Datasheet HTML 1Page - STMicroelectronics AN4450 Datasheet HTML 2Page - STMicroelectronics AN4450 Datasheet HTML 3Page - STMicroelectronics AN4450 Datasheet HTML 4Page - STMicroelectronics AN4450 Datasheet HTML 5Page - STMicroelectronics AN4450 Datasheet HTML 6Page - STMicroelectronics AN4450 Datasheet HTML 7Page - STMicroelectronics AN4450 Datasheet HTML 8Page - STMicroelectronics AN4450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID025978 Rev 1
5/26
AN4450
Pressure sensor evaluation boards
26
The STEVAL-MKI109V2 MEMS (aka eMotion board, shipped with pre-loaded eMotion FW)
is completed by a MS Windows™-based SW application called Unico. This tool may be
used as a simple real-time demonstrator or to verify device performance.
It also allows easy monitoring of the register status and allows changes to them based on
the intended scenario.
Recommended FW/SW revisions fully supporting the STEVAL-MKI142V1 are:
eMotion V3.0.6
Unico Rev. 3.0.1.0 beta
or newer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26