전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4503 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4503
상세설명  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 5Page - STMicroelectronics AN4503 Datasheet HTML 6Page - STMicroelectronics AN4503 Datasheet HTML 7Page - STMicroelectronics AN4503 Datasheet HTML 8Page - STMicroelectronics AN4503 Datasheet HTML 9Page - STMicroelectronics AN4503 Datasheet HTML 10Page - STMicroelectronics AN4503 Datasheet HTML 11Page - STMicroelectronics AN4503 Datasheet HTML 12Page - STMicroelectronics AN4503 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID026411 Rev 2
9/26
AN4503
Test environment / ecosystem
26
2.3.1
Downloading the packages
Table 2. Downloading the package (step by step)
Step
Description
Create the workspace in
home directory
$ mkdir ~/panda_work
$ export PANDA_WORK=~/panda_work
$ mkdir ~/panda_work/android
$ export ANDROID_ROOT=~/panda_work/android (1)
1. This is considered RAS (root Android source) in the present document.
Download android 4.4
(this may take a few hours)
$ cd $ANDROID_ROOT
$ repo init -u https://android.googlesource.com/platform/manifest -b
android-4.4_r1.1
$ repo sync
Download the proper
graphics binaries for
PandaBoard, suitable to
PVR driver in kernel
$ wget https://dl.google.com/dl/android/aosp/imgtec-panda-20130603-
539d1ac3.tgz (2)
2. The above links are valid at the time of writing (April 2014).
$ tar zxvf imgtec-panda-20130603-539d1ac3.tgz
$ ./extract-imgtec-panda.sh
Add support for
PandaBoard in downloaded
android 4.4 sources
$ cd $ANDROID_ROOT
$ git clone https://github.com/sola-dolphin1/sola_device_ti_panda.git -b
kitkat device/ti/panda (2)
Download the tool-chain for
compiling x-loader, u-boot
and kernel
$ cd $PANDA_WORK
$ git clone https://android.googlesource.com/platform/prebuilt (2)
$ export ARCH=arm
$ export CROSS_COMPILE=$PWD/prebuilt/linux-x86/toolchain/arm-
eabi-4.4.3/bin/arm-eabi-
Download the X-loader
$ cd $PANDA_WORK
$ git clone git://git.omapzoom.org/repo/x-loader.git (2)
$ cd x-loader
$ git checkout -b omap4_dev origin/omap4_dev
Download the U-boot
$ cd $PANDA_WORK
$ git clone git://git.omapzoom.org/repo/u-boot.git (2)
$ cd u-boot
$ git checkout -b omap4_dev origin/omap4_dev
Download the Kernel
$ cd $PANDA_WORK
$ git clone https://android.googlesource.com/kernel/omap.git kernel (2)
$ cd kernel
$ git checkout -b android-omap-panda-3.0 origin/android-omap-panda-
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26