전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4503 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4503
상세설명  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4503 Datasheet HTML 1Page - STMicroelectronics AN4503 Datasheet HTML 2Page - STMicroelectronics AN4503 Datasheet HTML 3Page - STMicroelectronics AN4503 Datasheet HTML 4Page - STMicroelectronics AN4503 Datasheet HTML 5Page - STMicroelectronics AN4503 Datasheet HTML 6Page - STMicroelectronics AN4503 Datasheet HTML 7Page - STMicroelectronics AN4503 Datasheet HTML 8Page - STMicroelectronics AN4503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID026411 Rev 2
5/26
AN4503
Document overview
26
Figure 1. Android sensor HAL overview
1.1.1
Kernel
This layer contains the Linux device drivers created using the input subsystem, a generic
Linux framework for all input devices. The data are exported to the user space through the
Sysfs virtual file system (/sys/class/input/). The driver sends/receives data to/from the
sensor through the stable Linux subsystem I²C.
1.1.2
Sensor libraries
These libraries are used to create a sophisticated interface for the upper layer. This is
achieved through the sensor manager class, the sensor service class and the sensor HAL.
1.1.3
Application framework
This is the layer that is used by the apk application to obtain data from the sensors.
Communication begins in the SensorManager class, which creates an instance of the
sensor service, and then proceeds to the lower layer through the sensor JNI (Java native
interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26