전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1889 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN1889
상세설명  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 3Page - STMicroelectronics AN1889 Datasheet HTML 4Page - STMicroelectronics AN1889 Datasheet HTML 5Page - STMicroelectronics AN1889 Datasheet HTML 6Page - STMicroelectronics AN1889 Datasheet HTML 7Page - STMicroelectronics AN1889 Datasheet HTML 8Page - STMicroelectronics AN1889 Datasheet HTML 9Page - STMicroelectronics AN1889 Datasheet HTML 10Page - STMicroelectronics AN1889 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN1889
Application description
7/33
2
Application description
An auxiliary power supply can be schematized in its main functional parts as illustrated in
the simplified block schematic diagram shown in Figure 4.
Figure 4.
SMPS simplified block schematic diagram
Basically the input voltage is rectified and filtered first, then transferred to the primary side of
the transformer directly through the input circuit of the transformer. This part of the power
supply fixes the voltage clamping at the desired value, the start-up network is also present in
this block to ensure the functionality of the converter during the first pulses. The blocks
power switch and driver, by converting the waveforms from continuous state into alternated
high frequency, allow the transformer, generally operating in discontinuous fly-back mode, to
transfer the stored energy to its secondary side and then to the load through the output
circuit. This basically consists in an ultrafast p-n diode (or Shottky diode) + bulk output
capacitor fixing the maximum acceptable output ripple. When necessary, for a more precise
and lower ripple level, an additional LRC block, working as output post filter network, can be
added.
Power regulation can be achieved through the blocks input feedback (primary regulation) or
output feedback (secondary regulation). By giving to the driver information on the load
requirement, they adapt the input power varying the duty cycle accordingly.
This application note illustrates all design steps needed for the project of a 50W 3-phase fly-
back converter in discontinuous mode using an ESBT as primary switch.
In this application note the bridge diode + filtering will not be analyzed while the output
circuit will be just mentioned. Most of the attention has been focused on the transformer
design and on the optimization of the driving circuit of the ESBT to allow better performance
in practical applications.
Theoretical results had been validated through a realization of a demo board, its electrical
parameters and component will be shown step by step in the next paragraphs and summed
up at the end of the present note.
INPUT
TRANSFORMER + INPUT/OUTPUT CIRCUIT
Bridge
+
filter
Input
Output
Power
switch
Driver
Output
Feedback
Input
Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com