전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2252 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN2252
상세설명  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics AN2252 Datasheet HTML 19Page - STMicroelectronics AN2252 Datasheet HTML 20Page - STMicroelectronics AN2252 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN2252
Application circuit description
19/21
Figure 19. highlights the proportional drive. It shows the collector current (channel 4 - green)
and the base current (channel 3 - pink) at the same scale. Channel 1 (blue) is the collector
voltage.
Figure 19.
Proportional base current
Figure 20. shows how the base current copies the collector current during the storage time
and the current fall time. Channel 4 shows the collector current (green), channel 3 shows the
base current (pink) and Channel 1 shows the collector voltage (blue).
Figure 20.
Detailed proportional base and collector current
Table 7. shows the results of the case temperature measurement of the primary ESBT
switch and secondary Schottky diode at a 25°C room temperature, for full power and two
marginal input voltage values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21