전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2252 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2252
상세설명  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2252 Datasheet HTML 1Page - STMicroelectronics AN2252 Datasheet HTML 2Page - STMicroelectronics AN2252 Datasheet HTML 3Page - STMicroelectronics AN2252 Datasheet HTML 4Page - STMicroelectronics AN2252 Datasheet HTML 5Page - STMicroelectronics AN2252 Datasheet HTML 6Page - STMicroelectronics AN2252 Datasheet HTML 7Page - STMicroelectronics AN2252 Datasheet HTML 8Page - STMicroelectronics AN2252 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2252
Theory of ESBT and quasi-resonant operation
5/21
Figure 1.
Flyback converter switching cycle - primary switch voltage
The zero-switching operation mode was selected because it has a higher efficiency and
produces less EMI. The benefits of using zero-voltage turn-on for the primary switch can be
clearly seen by comparing Figure 2. and Figure 4. The switch voltage obtained with zero-
voltage turn-on has a higher waveform and the drain or collector current is lower.
Figure 2.
Zero voltage turn-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21