전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2689 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN2689
상세설명  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN2689
Data line protection
Doc ID 14310 Rev 3
11/42
For a positive surge, shown in Figure 11, as the over voltage reaches the power supply
voltage Vcc plus the forward voltage drop of the upper diode, the surge current is diverted
into the power supply line. To prevent this power supply line oscillating or being raised too
much, a capacitor (47 nF suggested) is needed close to the rail-to-rail protection device.
The remaining voltage V at the module data line is limited to VCC plus the forward voltage
drop Vf of the upper diode.
Figure 11.
Positive surge suppression
For the negative surge case (Figure 12), the surge suppression is the same as described in
Figure 8.
Figure 12.
Negative surge suppression
In the same approach as for the previous topology, there is a possibility to manage this rail-
to-rail protection topology using as many single devices as there are data lines to protect or
one diode array device that fulfills all line protection needs as shown in Figure 13.
Figure 13.
Rail-to-rail diode array
Module to protect
Vnom
Vmax
Vcc
V
Isurge
Vs
Module to protect
Vnom
Vmax
Vcc
V
Isurge
Vs
Module to protect
Vnom
Vmax
Vcc
DiodeArray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42