전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3338 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 AN3338
상세설명  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 63Page - STMicroelectronics AN3338 Datasheet HTML 64Page - STMicroelectronics AN3338 Datasheet HTML 65Page - STMicroelectronics AN3338 Datasheet HTML 66Page - STMicroelectronics AN3338 Datasheet HTML 67Page - STMicroelectronics AN3338 Datasheet HTML 68Page - STMicroelectronics AN3338 Datasheet HTML 69Page - STMicroelectronics AN3338 Datasheet HTML 70Page - STMicroelectronics AN3338 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Doc ID 18441 Rev 4
67/72
AN3338
Design and mounting guidelines
72
5.2.2
Mounting torque
While mounting the SLLIMM to a heatsink make sure not to apply excessive force during the
assembly.
Table 14 provides the specified fastening torque. Inappropriate mounting can
damage the device and over tightening the screws may cause DBC substrate or molding
compound cracks. Avoid mechanical stress due to tightening on one side only. It is
recommended to temporarily fasten both screws, then fasten them permanently to the
specified torque value using a torque wrench.
Figure 47 shows the screw fastening order.
Figure 45. Recommended silicon grease thickness and positioning
Heatsink
100~200 m
thickness
SLLIMM
Table 14. Mounting torque and heatsink flatness
Parameter
Limits
Units
Min.
Typ.
Max.
Mounting torque (M3 screw)
0.4
0.7
1.0
Nm
Heatsink flatness
-50
150
µm
SDIP-25L package weight
13
g
SDIP-38L package weight
17
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72