전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3338 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 AN3338
상세설명  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics AN3338 Datasheet HTML 30Page - STMicroelectronics AN3338 Datasheet HTML 31Page - STMicroelectronics AN3338 Datasheet HTML 32Page - STMicroelectronics AN3338 Datasheet HTML 33Page - STMicroelectronics AN3338 Datasheet HTML 34Page - STMicroelectronics AN3338 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
Doc ID 18441 Rev 4
31/72
AN3338
Electrical characteristics and functions
72
where T is the temperature in Kelvin, B and R25, respectively, are a constant value in the
SLLIMM working range and the resistance value at 25 °C, both parameters are shown in the
datasheet.
An easy circuit, using a voltage divider, for both overtemperature protection and
temperature monitoring, is shown in
Figure 20:
The external comparator is used to send a shutdown signal to the SLLIMM in case of
overtemperature. The VNTC_th is a threshold voltage, fixed by design, and connected on the
non inverting input, whilst the inverting input is connected on a voltage divider based on the
NTC and ROT resistors. When voltage on the inverting input exceeds the VNTC_th value the
comparator triggers, pulling down the SD and, consequently, switching off the IGBTs.
Figure 19. NTC resistance vs. temperature curve
Figure 20. Example of overtemperature protection circuit
T1
T2
+V
DD
NTC
SLLIMM
C
OT
R
OT
SD
V
NTC_th
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72