전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4022 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4022
상세설명  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 5Page - STMicroelectronics AN4022 Datasheet HTML 6Page - STMicroelectronics AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics AN4022 Datasheet HTML 11Page - STMicroelectronics AN4022 Datasheet HTML 12Page - STMicroelectronics AN4022 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID022589 Rev 2
9/15
AN4022
Predicted results versus measured results
15
The device under test is measured in ESD clamping test at the different standard voltage
levels, as in Figure 12 (example at +8 kV). The test conditions used are described in the
STMicroelectronics Application note AN3353, “IEC 61000-4-2 standard testing”.
Figure 12. Typical clamping voltage waveform with the measured values
We get from these waveforms three values: the peak clamping voltage (first spike) and the
clamping voltages at t = 30 ns and t = 60 ns at peak charging voltage of
±2 kV, ±4 kV, ±6 kV
and
±8 kV. The values at the add point ±15 kV was also obtained, even if this point is not
specified in the standard.
We can now represent in three charts the predicted values and the real measurement
results in order to compare them.
Figure 13. Measurements and predicted values for the first spike peak value
t=30 ns
t=60 ns
Predicted peak min
Predicted peak typical
Predicted peak max
Measured peak
VCL (V)
Breakdown
VPP (kV)
0
2
4
6
8
101214
16
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com