전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4022 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4022
상세설명  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4022 Datasheet HTML 1Page - STMicroelectronics AN4022 Datasheet HTML 2Page - STMicroelectronics AN4022 Datasheet HTML 3Page - STMicroelectronics AN4022 Datasheet HTML 4Page - STMicroelectronics AN4022 Datasheet HTML 5Page - STMicroelectronics AN4022 Datasheet HTML 6Page - STMicroelectronics AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID022589 Rev 2
5/15
AN4022
Dynamic resistance and how to measure it
15
2
Dynamic resistance and how to measure it
In the previous section it was shown that the remaining voltage across a circuit to protect is
closely linked to the VBR of the protection device used and to its dynamic resistance RD. The
first parameter is generally well known and specified. In the past dynamic resistance has
been specified but with test conditions different from real surge conditions giving pessimistic
results, especially for short surges like electrostatic discharges. The pulse used had a
duration of 2.5 µs.
To be closer to typical ESD (defined in IEC61000-4-2), a 100 ns pulse width has been
chosen.
An accurate voltage measurement is quite difficult during high rate of rise current, due to the
voltage probing loop inductance, inducing parasitic voltage:
().
So a triangular pulse is used This is shown in Figure 6. No oscillations disturb the
measurement.
Figure 6. Current and voltage waveforms for RD measurement
The current is measured during the test by a current monitor (Pearson Electronics). The
voltage measurement is by the “Kelvin” method in coaxial configuration in order to get best
accuracy (test board shown in Figure 7). An adequate voltage range and offset is set on the
oscilloscope to get the best dynamic measurement without amplifier saturation.
VPARASITIC =LPARASITIC × dl/dt
IPP = 30 A
tP 71 ns
≈
VCL value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com