전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4599 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4599
상세설명  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 3Page - STMicroelectronics AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics AN4599 Datasheet HTML 10Page - STMicroelectronics AN4599 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID026993 Rev 1
7/26
AN4599
Circuit description
26
With reference to the schematic in Figure 13:
•
RA = R26 = 56 kΩ
•
RB = R6 = 150 kΩ
•
RH = R1 + R5 = 3 MΩ
•
RL = R8 = 27 kΩ
2.4
Brown out
Referring to Figure 13, the Line pin is connected to the high voltage input bus with a resistor
divider: R1, R5 and R8.
The partition is slightly influenced by resistors R6 and R26.
A voltage below 1.25 V shuts down the IC and consequently lowers consumption and
discharges the soft start capacitor.
IC operation is enabled when the voltage exceeds 1.25 V – the comparator is provided with
current hysteresis: an internal 13 µA current generator remains on while the voltage applied
at the Line pin is below 1.25 V.
Test results:
Decreasing VIN shut down is 100 VAC
2.5
Overload and short circuit protection
Referenced to Figure 4.
In the L6699, the current sense input ISEN (pin 6) monitors the current flowing in the
resonant tank to perform multiple tasks:
1.
primary overcurrent protection
2.
hard-switching cycle prevention at start up
3.
hard-switching cycle prevention during operation
The ISEN pin is able to withstand negative voltages in order to observe the voltage and
current of the resonant tank.
ISEN is internally connected to the input of a first comparator referenced to VISENX
(0.8 V typ.) and a second comparator referenced to 1.5 V.
If the voltage applied to ISEN exceeds 0.8 V, the first comparator is tripped which in turn
activates an internal switch for 5 µs, thus discharging the soft-start capacitor CSS.
This increases oscillator frequency, limiting the energy transfer.
The circuit shown in Figure 4 operates as a capacitive current divider.
Cs is typically selected with a value around Cr/100 and the sense resistor is selected as:
RS=0.77/Icrpkx*(1+Cr/Cs).
The OCP limits primary to secondary energy flow in case of overload or short circuit, but the
output current in the secondary winding and in the rectifiers can still rise to dangerous
levels.
To prevent any damage and reduce power loss, the converter must be forced to operate
intermittently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com