전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4599 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN4599
상세설명  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 데이터시트(HTML) 3 Page - STMicroelectronics

  AN4599 Datasheet HTML 1Page - STMicroelectronics AN4599 Datasheet HTML 2Page - STMicroelectronics AN4599 Datasheet HTML 3Page - STMicroelectronics AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DocID026993 Rev 1
3/26
AN4599
Main features
26
1
Main features
The main features of the SMPS are:
• input mains range: from 190 to 264 V
AC - frequency 50 Hz
• output voltage: 24 V 5%
• no-load consumption: < 0.6 W
• efficiency @ 230 Vac > 92%
• EMI: Within EN55022 Class-B limits conducted precompliance
• safety: Meets EN60950-1
• dimensions: 90 x 90 mm, 50 mm component maximum height
• weight 220 gr
The circuit consists of a single stage LLC resonant converter.
The MOSFET and diode power components are in D²PAK packages.
The L6699 integrates all the functions necessary to control the resonant converter with a
50 % fixed duty cycle and working with variable frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com