전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1771 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 UM1771
상세설명  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button UM1771 Datasheet HTML 5Page - STMicroelectronics UM1771 Datasheet HTML 6Page - STMicroelectronics UM1771 Datasheet HTML 7Page - STMicroelectronics UM1771 Datasheet HTML 8Page - STMicroelectronics UM1771 Datasheet HTML 9Page - STMicroelectronics UM1771 Datasheet HTML 10Page - STMicroelectronics UM1771 Datasheet HTML 11Page - STMicroelectronics UM1771 Datasheet HTML 12Page - STMicroelectronics UM1771 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID026392 Rev 2
9/38
UM1771
Board specifications
38
Figure 5. Layout top layer and bottom layer
Table 2. Bill of material
Item
Qty.
Reference
Value
Package
C1, C16
2
Cap. cer. 10
F 10 V X7R 0805
10
F
0805
C2
1
Cap. cer. 1
F 10 V X7R 0805
1
F
0805
C3, C4, C10 - C13, C17 -
C19, C21, C22, C25 -C27
14
Cap. cer. 100 nF 50 V X7R 0603
100 nF
0603
C5
1
Cap. cer. 3.3 nF 50 V X7R 0603
3.3 nF
0603
C6
1
Cap. cer. 220 nF 35 V X7R 0603
220 nF
0603
C7
1
Cap. cer. 4.7 nF 50 V X7R 0603
4.7 nF
0603
C8, C15, C20, C28
4
Cap. cer. 10 nF 50 V X7R 0603
10 nF
0603
C9
1
Cap. tant. 47
F 6.3 V 10% PACK-A
47
F
3216
C14
1
Cap. elect. 100
F 63 V
100
F
CAPES-R10HXX
C23, C24
2
Cap. cer. 20 pF 50 V COG 0603
20 pF
0603
D1
1
Zener regulator
3.6 V
SOD 523
D2
1
Double diode high speed switching
diode
BAR43
SOT 23
D3
1
LED red - 0805 - 2 mcd - 621 nm
Red
0805
D4
1
LED green - 0805 - 6 mcd - 569 nm
Green
0805
D5
1
LED yellow - 0805 - 6 mcd - 588 nm
Yellow
0805
D6
1
LED orange - 0805 - 2 mcd - 602 nm
Orange
0805
FIX1 - FIX4
4
Hole
3 mn
-
J1 - J3
3
Screw connector 2 poles MKDSN
1.5 /2 - 5.08
MKDSN1.5 /2 - 5.08 MKDSN1.5 /2 - 5.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com