전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1771 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 UM1771
상세설명  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 데이터시트(HTML) 5 Page - STMicroelectronics

  UM1771 Datasheet HTML 1Page - STMicroelectronics UM1771 Datasheet HTML 2Page - STMicroelectronics UM1771 Datasheet HTML 3Page - STMicroelectronics UM1771 Datasheet HTML 4Page - STMicroelectronics UM1771 Datasheet HTML 5Page - STMicroelectronics UM1771 Datasheet HTML 6Page - STMicroelectronics UM1771 Datasheet HTML 7Page - STMicroelectronics UM1771 Datasheet HTML 8Page - STMicroelectronics UM1771 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
DocID026392 Rev 2
5/38
UM1771
Main features
38
1
Main features
The characteristics of the EVAL6474H-DISC are the following:
DC voltage range from 8 V to 45 V
Maximum load phase current at 3 Ar.m.s.
Footprint for external resonator or crystal
Control interface through trimmer - user keys and switch motor input
Control through LED indicators
Interface control by USB and debug outputs
Compatible with SPINFamily evaluation tool
Autonomous board due to an embedded firmware
Up to 1/16 microstepping
Optimized layout on 2 layers board - low cost and high thermal performance
The possibility with these boards is double:
Adapt the settings with your specific setup (motor - voltage) by using the dedicated PC
application.
–
The user is able to save inside the board the specific parameters depending on
user setup
Using the board (with user parameters) directly on site - without a connected PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com