전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN533 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN533
상세설명  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics AN533 Datasheet HTML 15Page - STMicroelectronics AN533 Datasheet HTML 16Page - STMicroelectronics AN533 Datasheet HTML 17Page - STMicroelectronics AN533 Datasheet HTML 18Page - STMicroelectronics AN533 Datasheet HTML 19Page - STMicroelectronics AN533 Datasheet HTML 20Page - STMicroelectronics AN533 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN533
Surface mount packages
17/22
Figure 16.
Relative variation of thermal impedance junction to ambient versus pulse
duration
Figure 17.
Typical Zth(j-a) for DPAK and D
2PAK
2.3
Mounting techniques and Rth(j-a)
Rth(j-a) varies with the printed circuit board technology. Different technologies can be used
depending on the performance required in the design. Four techniques are commonly used:
FR4 - Copper
IMS (Insulated Metal Substrate)
FR4 board with copper filled through holes + HEATSINK
IMS + HEATSINK.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
0.01
0.10
1.00
tp(s)
Zth(j-a)/ Rth(j-a)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a) / Rth(j-a)
SOT-23
SOT-223
0.001
0.01
0.1
1
10
100
1,000
0.1
0.2
0.5
1
2
5
10
20
50
Zth(j-a)
INFINITE HEATSINK
IMS FLOATING IN AIR
FR4
die
package
board
board/air
influence of the various mounting elements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22