| 전자부품 데이터시트 검색엔진 |
|
AN901 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN901 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() AN901/1100 1/14 AN901 APPLICATION NOTE EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS by Microcontroller Division Applications INTRODUCTION Electromagnetic compatibility (EMC) must be taken into account at the very beginning of a project as the cost of correcting an EMC problem encountered at the start of production can be far greater that the cost of a detailed EMC study during the development phase of an applica- tion. The use of microcontroller-based systems is increasingly wide-spread, especially in such areas as consumer, industrial and automotive applications, where the drive for cost reduction is the common trend. This emphasis on cost reduction and the increasing complexity of such systems requires the manufacturers of semiconductor components to develop highly inte- grated, single chip, high operating frequency microcontrollers using the highest density tech- nology possible. Unfortunately, for semiconductor structures, the higher the density and the faster the operation, intrinsically the higher the level of electrical noise generated, and the in- creased sensitivity to spikes induced from external noise. Therefore, the PCB layout, the soft- ware and the system must now apply EMC “hardening” techniques in their design. This note aims to provide guidelines for designers of microcontroller-based applications so that the optimum level of EMC performances can be achieved. For general information about EMC performances, please refer to application note AN898. 1 |
유사한 부품 번호 - AN901 |
|
유사한 설명 - AN901 |