전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1296 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN1296
상세설명  Ring wave tests with ACS108 driving valves and pumps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1296 데이터시트(HTML) 3 Page - STMicroelectronics

  AN1296 Datasheet HTML 1Page - STMicroelectronics AN1296 Datasheet HTML 2Page - STMicroelectronics AN1296 Datasheet HTML 3Page - STMicroelectronics AN1296 Datasheet HTML 4Page - STMicroelectronics AN1296 Datasheet HTML 5Page - STMicroelectronics AN1296 Datasheet HTML 6Page - STMicroelectronics AN1296 Datasheet HTML 7Page - STMicroelectronics AN1296 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN1296
Results
Doc ID 8159 Rev 3
3/8
●
The valve insulation is not sufficient: in this case, the valve oil winding insulation breaks
down when the switch turns on, i.e. when the whole surge voltage is applied across the
valve. The load then behaves like a short-circuit. The ACS current is no longer limited
and could reach up to 120 A (refer to Figure 3). The conduction losses could then be so
high that the die silicon could melt or its bonding wires could fuse and cause the
destruction of the device package. In practice, as the test is done with the complete
equipment including clamping devices or filters, this behavior does not occur.
Figure 3.
3 kV surge with an insufficiently insulated valve
Vout (200 V/div)
Iout (50 A/div)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com