전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1296 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN1296
상세설명  Ring wave tests with ACS108 driving valves and pumps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1296 데이터시트(HTML) 4 Page - STMicroelectronics

  AN1296 Datasheet HTML 1Page - STMicroelectronics AN1296 Datasheet HTML 2Page - STMicroelectronics AN1296 Datasheet HTML 3Page - STMicroelectronics AN1296 Datasheet HTML 4Page - STMicroelectronics AN1296 Datasheet HTML 5Page - STMicroelectronics AN1296 Datasheet HTML 6Page - STMicroelectronics AN1296 Datasheet HTML 7Page - STMicroelectronics AN1296 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Results
AN1296
4/8
Doc ID 8159 Rev 3
1.2
Pump
The pumps which have been tested are rated for 120 V, 700 mA, 60 Hz operation. They
withstand the high voltage of the generator up to 6 kV, without flashing.
Figure 4 shows the behavior of an ACS with this load. During the breakover of the devices, a
capacitive current flows through the parasitic capacitor of the load due to the high dV/dt rate
applied to it. This current can reach up to 2 A. As the current pulse lasts around 100 ns,
there is no thermal issue. ACSs can withstand such a stress without any damage.
Figure 4.
6 kV test with the pump
Vout (200 V/div)
Iout (0.5 A/div)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com