| 전자부품 데이터시트 검색엔진 |
|
AN1602 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1602 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 21 page ![]() 9/21 16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs & TIC2LR registers. These two registers act together as one 16-bit register that holds the counter value to be stored in PulseEnd (PulseEndHR & PulseEndLR). 1.2.2.2 Example of input capture interrupt routine .Input_Capt_Rt Btjt TSR , #7 , Flag1 ; Test Rising or falling edge ? .Flag2 ; Falling Edge Ld A , TSR ; Clear Interrupt Flag Ld A , TIC2HR ; Load TIC2R ( HR & LR ) into Ld PulseEndHR , A; PulseEnd ( HR & LR ) Ld A , TIC2LR ; Ld PulseEndLR , A; Iret ; .Flag1 ; Rising Edge Ld A , TSR ;Load TIC1R ( HR & LR ) into Ld A , TIC1HR ; PulseStart ( HR & LR ) Ld PulseStartHR , A; Ld A , TIC1LR ; Ld PulseStartLR , A; Iret ; 1.2.3 Frequency Measurement 1.2.3.1 Measurement principles To measure frequency we will use the same technique we used for the ST7262 (see Section 1.1.3). We need only one input capture pin configured to detect rising edges and two 16-bit variables to hold the 16-bit timer value at each input capture occurrence (StartPeriod) and (EndPeriod). We will need also FirstEdge which indicates the first rising edge or the second edge. |