전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1756 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN1756
상세설명  Choosing a DALI implementation strategy with ST7DALIF2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1756 데이터시트(HTML) 4 Page - STMicroelectronics

  AN1756 Datasheet HTML 1Page - STMicroelectronics AN1756 Datasheet HTML 2Page - STMicroelectronics AN1756 Datasheet HTML 3Page - STMicroelectronics AN1756 Datasheet HTML 4Page - STMicroelectronics AN1756 Datasheet HTML 5Page - STMicroelectronics AN1756 Datasheet HTML 6Page - STMicroelectronics AN1756 Datasheet HTML 7Page - STMicroelectronics AN1756 Datasheet HTML 8Page - STMicroelectronics AN1756 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Choosing an implementation strategy
AN1756
4/10
2
Choosing an implementation strategy
In order to have a centralized control of each dimmable ballast of a room, a communication
protocol is needed. DALI is an economic solution that is more and more widely possibility
becoming popular in the lighting market. To find out the benefits of DALI, please refer to
document 3 referenced in Section 4
Since DALI is a digital protocol, it needs to handled by a microcontroller like ST7DALIF2.
Various topologies can be used to integrate this digital communication. It can work together
with a ballast controller, just for DALI communication as shown in Figure 3:
Figure 3.
Micro handles only communication
or it can do the DALI communication and take the place of the driver control, like in Figure 4:
Figure 4.
Micro handles communication AND control
The choice is up to the designer. Whatever solution is chosen, ST is the first semiconductor
manufacturer able to provide both the right high-voltage driver or controller, as well as a
microcontroller with an on-chip decoder for the DALI protocol.
To get more information on the first topology and its advantages, please refer to application
note AN1900 “Hardware Implementation for ST7DALI-EVAL” or order the ST7DALI-EVAL
evaluation kit.



Html Pages

1 2 3 4 5 6 7 8 9 10