| 전자부품 데이터시트 검색엔진 |
|
AN1810 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1810 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() 3/8 STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH 3 M25P10-A SERIAL FLASH MEMORY MANAGEMENT AND CONFIGURATION 3.1 SUMMARY DESCRIPTION The M25P10-A is a 1 Mbit (128k * 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be pro- grammed 1 to 256 bytes at a time, using the Page Program instruction. The write protect pin (W) and the hold pin (H) are not used in our application (both are high level). 3.2 STATUS REGISTER The device has one status register which contains a number of control bits and status bits, as shown in the following figure: Figure 1. Status Register Control and Status Bits The SRWD bit is operated in conjunction with the Write Protect (W) signal. The BP1 and BP0 bits in the status register can be used to write protect a block of memory. In this application, both bits are cleared, allowing write access to all memory. The WEL bit indicates the status of the write enable latch. The WIP bit indicates whether the memory is busy with a Write Status register, Program or Erase cycle. 3.3 INSTRUCTION SET Prior to any operation, the device must be selected (S pin at low level), then a one-byte instruction code must be sent to the Serial Flash Memory. The device has a set of 11 instruc- tions: (see Table 1, “Instruction Set,” on page 4). 00 0BP1 SRWD BP0 WEL WIP Status Register Write Protect Write Enable Latch Bit Write in Progress Bit Block Protect Bit |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |