| 전자부품 데이터시트 검색엔진 |
|
AN2267 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2267 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() AN2267 Implementation using ST7FMC 9/19 Figure 9. Update (U) event interrupt subroutine flow chart The flowchart in Figure 9 shows the actions within the U event interrupt service routine. To coordinate the reading of any other analog inputs to the ADC, it is recommended that they are all read within this U event subroutine after the DC link current read. However, before returning from the interrupt, it is important to restore the ADC to sample the DC link current channel again so that on re-entry in the next U event, the DC link current value can be read from ADC right away. If required, interrupt priority of this routine can be lowered after reading the current value upon entry, but should be restored to the highest value before returning for obvious reasons. Refer to the accompanying file for a complete listing of the code and experimental workspace. Start U Read current feedback Set U ISR priority lower if required Read other Analog inputs Current loop PI regulator Dutycycle update Set ADC Channel back to Sample current feedback Restore ISR priority to the highest End U |