| 전자부품 데이터시트 검색엔진 |
|
AN2267 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2267 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() AN2267 BLDC motor control using ST7FMC 5/19 3 BLDC motor control using ST7FMC The main feature of ST7FMC is its powerful motor control macro cell, capable of generating control signals to drive a sensorless or sensored 3 phase BLDC or AC motor. STMicroelectronics application notes AN1946 [1] and AN2030 [2] explain, in detail, the procedure to control a 3 phase BLDC motor using ST7FMC. Figure 5 shows the simplified block diagram of the hardware motor control macro cell. The macrocell has multiple timers performing various functions in parallel to generate control pulses for the motor. An auto scalable 8-bit timer (MTIM) monitors the time difference between successive phase back EMF zero crossings (Z events) of the motor. When a Z event occurs, the timer value is captured into MZREG and the timer restarts counting from zero, and, the previous content of MZREG is transferred to MZPRV. This timer is a part of what is called DELAY MANAGER that, based on this time difference and a delay coefficient (MWGHT), identifies the timing for next phase commutation instant (C events). All in parallel, a 12-bit free running counter generates the PWM carrier for inverter switching. Figure 5. Simplified block diagram of Motor control Macro cell for BLDC motors MCI MCI MCI BEMF= MCO MCO MCO MCO MCO MCO DELAY = WEIGHT x MCCFI MCCRE NMCE COMMUTE In (I (V C (I DELAY CHANNEL BEMF ZERO-CROSSING PWM [Z (V [Z] : Back EMF Zero-crossing Z n : Time elapsed between two consecutive Z [C] : Commutation C n : Time delayed after Z event to generate C (I): Current (V): Voltage U, V, Phase Phase INPUT DETECTION 12-bit THREE-PHASE PWM GENERATOR MCVRE MCAO MCAO MCPWM MCPWM MCPWM (V R 3 PCN MCAOZ/ OAON + - CFAV AD TACH or SPEED MEASURE UNIT (not = Ex Vre WEIGH CAPTURE MTI TIME Encoder MEASUREMENT WINDOW GENERATOR MOD CURRENT VOLTAGE P H A S Phase Phase W Phase V 12-bit Vdd |