| 전자부품 데이터시트 검색엔진 |
|
UPD6466GS 데이터시트(PDF) 46 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6466GS 데이터시트(HTML) 46 Page - NEC |
|
46 / 70 page ![]() 46 µPD6466 (1) With MSB first (The command is input from MSB (D15).) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 11 RV R G B BL VC2 C7 C6 C5 C4 C3 C2 C1 C0 (MSB) (LSB) Character specification bit Function Outputs data of 00H Outputs data of 01H Outputs FEH (Display Off Data) FFH (2-byte successive command end code) C4 0 0 1 1 C0 0 1 0 1 C3 0 0 1 1 C2 0 0 1 1 C1 0 0 1 1 VC2 output specification bit Function VC2 specification OFF VC2 specification ON VC2 0 1 Blinking control bit (character units) Function Character color specification bit Function Black Blue Green Cyan Red Magenta Yellow White R 0 0 0 0 1 1 1 1 G 0 0 1 1 0 0 1 1 Character color reverse specification bit Function Character color reverse specification OFF Character color reverse specification ON RV 0 1 C5 0 0 1 1 C6 0 0 1 1 C7 0 0 1 1 B 0 1 0 1 0 1 0 1 BL 0 1 Character does not blink. Character blinks. Left and right reverse character control bit Function BL 0 1 Left and right reverse character specification OFF Left and right reverse character specification ON With character blinking selectedNote With character left and right reverse selectedNote Note Set these bits with the initial setting command. |