전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2281 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN2281
상세설명  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 15Page - STMicroelectronics AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics AN2281 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
AN2281
Library parameters
19/38
With the purpose of avoiding too strong a response by the PI regulator at the end of the
motor start-up, when the error between target speed and measured speed could be high, PI
regulation is enabled (and ramp-up ended) if, during the voltage ramp-up the actual speed
of the rotor is higher than an established threshold speed defined by:
#define CL_SPEED_VALIDATION
xxx
// in rpm
The control system, therefore, starts the motor as already described for open loop and it
enables the PI regulator either at the end of the start-up or when rotor reaches the speed
CL_SPEED_VALIDATION. Figure 14 summarizes the closed loop start-up strategy.
Figure 14. Closed loop start-up with (b) and without (a) rotor alignment phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38