전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2281 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 AN2281
상세설명  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics AN2281 Datasheet HTML 23Page - STMicroelectronics AN2281 Datasheet HTML 24Page - STMicroelectronics AN2281 Datasheet HTML 25Page - STMicroelectronics AN2281 Datasheet HTML 26Page - STMicroelectronics AN2281 Datasheet HTML 27Page - STMicroelectronics AN2281 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Getting started with the ST7FLITE35-based PMAC motor control system
AN2281
24/38
6.4.1
Determining the phase angle and optimizing the start-up parameters
After device programming, once the ICC cable has been removed, microcontroller begins to
execute the firmware and motor should start moving. As earlier discussed, the value of
phase angle
Φ can greatly influence the efficiency of the system so that a wrong value of
could even prevent the motor from starting. For this reason, Pot2 should be slowly turned
(starting from 0% position) until motor start running and, then, the phase angle should be
finely tuned in order to increase the motor efficiency (that is reducing the current at fixed
speed). This can be easily achieved by changing the MIN_PHASE and MAX_PHASE
parameters with the purpose of progressively incrementing the resolution of potentiometer
Pot2.
It could happen that, even if you slowly turn the Pot2 potentiometer from the 0% position to
the 100% position, the motor does not start spinning. In this case, the voltage fed to the
motor may not be sufficient and you should increase it slightly by turning the Pot1
potentiometer towards the 100% position. While doing this, you should monitor one of the
three phase currents to be sure it does not exceed the absolute maximum ratings of the
motor. Then repeat the procedure for optimum phase identification.
Once the motor has started running, you should then try to determine the optimum phase
angle versus frequency characteristic in order to find out the best PH_AT_HIGHSPEED,
PH_AT_LOWSPEED, PH_LOWSPEED and PH_HIGHSPEED parameters.
You should then disable “phase angle read by Pot2”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38