전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2288 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN2288
상세설명  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 13Page - STMicroelectronics AN2288 Datasheet HTML 14Page - STMicroelectronics AN2288 Datasheet HTML 15Page - STMicroelectronics AN2288 Datasheet HTML 16Page - STMicroelectronics AN2288 Datasheet HTML 17Page - STMicroelectronics AN2288 Datasheet HTML 18Page - STMicroelectronics AN2288 Datasheet HTML 19Page - STMicroelectronics AN2288 Datasheet HTML 20Page - STMicroelectronics AN2288 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN2288
Meter hardware
17/29
4.1.11
Calibration through PC GUI
Calibration of the meter and initialization of the RTC can be done using the PC GUI. To enter
calibration mode the user has to press switch S1 within 30 seconds of power-on of the
meter.
Figure 14. Calibration mode
4.1.12
Microcontroller block
The microcontroller is the heart of the energy meter, it does all the calculations and
measurements. Only a 20-pin package is used. Refer to Figure 4 for more details.
PA2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29