전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2288 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN2288
상세설명  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 15Page - STMicroelectronics AN2288 Datasheet HTML 16Page - STMicroelectronics AN2288 Datasheet HTML 17Page - STMicroelectronics AN2288 Datasheet HTML 18Page - STMicroelectronics AN2288 Datasheet HTML 19Page - STMicroelectronics AN2288 Datasheet HTML 20Page - STMicroelectronics AN2288 Datasheet HTML 21Page - STMicroelectronics AN2288 Datasheet HTML 22Page - STMicroelectronics AN2288 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN2288
Software routines
19/29
Figure 16. Main routine
main
ASM_init ( )
init ( )
Enable interrupts
PA2 port configured for
calibration mode detection
Initialize LCD module
Referesh LCD to make
all segments null
Display kWh, Vrms, Irms, power
factor, line frequency, Current
Date and Time in rolling manner
Anti tampering detection algorithm
to detect whether phase or neutral
line tampering is done or not
Update kWh energy variable to up-
date kWh based on pulses
Gain switching is done based on
current magnitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29