전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2350 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 AN2350
상세설명  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 33Page - STMicroelectronics AN2350 Datasheet HTML 34Page - STMicroelectronics AN2350 Datasheet HTML 35Page - STMicroelectronics AN2350 Datasheet HTML 36Page - STMicroelectronics AN2350 Datasheet HTML 37Page - STMicroelectronics AN2350 Datasheet HTML 38Page - STMicroelectronics AN2350 Datasheet HTML 39Page - STMicroelectronics AN2350 Datasheet HTML 40Page - STMicroelectronics AN2350 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Control algorithm
AN2350
37/41
Now the shoulder is controlled in its home position, the same procedure is executed for the
elbow, using the Capture unit CC22. The control of the shoulder ensures that during the
home procedure for the elbow there's no movement of the shoulder.
The scheme below shows the homing procedure.
Figure 30.
The homing procedure
Read Absolute Encoder
of the shoulder and
enable interrupt CC16
while(!home_position_sh)
{
Move shoulder with fixed PWM
}
Stop the shoulder
Reset incremental encoder
of the shoulder (T2)
Enable interrupt for control
algorithm, and disable
interrupt CC16
sh_pulses_desired
Read Absolute Encoder
of the elbow and enable
interrupt CC22
while(!home_position_elb)
{
Move elbow with fixed PWM
}
Stop the elbow
Reset incremental encoder
of the elbow (T4)
Disable interrupt CC22
elb_pulses_desired
Read Absolute Encoder
for the shoulder
This is the right
transition?
ISR for the
shoulder
home_position_sh=true;
Exit
Control
Algorithm
Read Absolute Encoder
for the elbow
ISR for the
elbow
This is the right
transition?
home_position_elb=true;
Exit
N
Y
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41