전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2606 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN2606
상세설명  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 9Page - STMicroelectronics AN2606 Datasheet HTML 10Page - STMicroelectronics AN2606 Datasheet HTML 11Page - STMicroelectronics AN2606 Datasheet HTML 12Page - STMicroelectronics AN2606 Datasheet HTML 13Page - STMicroelectronics AN2606 Datasheet HTML 14Page - STMicroelectronics AN2606 Datasheet HTML 15Page - STMicroelectronics AN2606 Datasheet HTML 16Page - STMicroelectronics AN2606 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
DocID13801 Rev 21
13/155
AN2606
Glossary
154
STM32L1xxQCH6, STM32L1xxRCY6, STM32L1xxVCT6-A and STM32L1xxRCT6-A
ultralow power devices.
STM32L1xxxE is used to refer to STM32L1xxZET6, STM32L1xxQEH6,
STM32L1xxVET6, STM32L1xxVEY6, and STM32L1xxRET6 ultralow power devices.
L4 Series:
STM32L476xx/486xx is used to refer to STM32L476xE, STM32L476xG and
STM32L486xG devices
Note:
BL_USART_Loop refers to the USART Bootloader execution loop.
BL_CAN_Loop refers to the CAN Bootloader execution loop.
BL_I2C_Loop refers to the I2C Bootloader execution loop.
BL_SPI_Loop refers to the SPI Bootloader execution loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More