| 전자부품 데이터시트 검색엔진 |
|
AN2639 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2639 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() DocID14016 Rev 4 7/15 AN2639 Soldering 4.2 Soldering recommendations The following recommendations must be followed for soldering each package type (see Table 2). 4.3 Compatibility with leaded soldering process Lead-free packages can be assembled using leaded soldering process. For more details about soldering process compatibilities and conditions, please refer to application note AN2034. Table 2. Package/soldering process compatibility(1) 1. Reflow soldering with DIP and wave soldering with PLCC, BGA, VFQFPN, UFQFPN, and WLCSP are strictly impossible due to the lead/ball configuration. Package Reflow processing process Wave soldering process Process Reliability Process Reliability PLCC OK OK impossible N/A SOP OK OK feasible (2) 2. Wave soldering with SMT packages is not recommended because the thermal shock associated with package body solder dipping may induced internal structural damage to the package (interface delamination) that may affect long term reliability. SMT Package characterizations performed as a standard by STMicroelectronics only include Solder Reflow Resistance assessment. JEDEC JESD22A111 recommends that wave soldering of SMT packages should be evaluated by the USER, because the stress induced inside the package is very dependant of solder process parameters. QFP OK OK critical(3) 3. Wave soldering with PQFP is not recommended because it is difficult to avoid solder bridges when leads pass through the double wave. (2) BGA OK OK impossible N/A VFQFPN, UFQFPN OK OK impossible N/A WLCSP OK OK impossible N/A |