전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2695 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN2695
상세설명  Differences between the ST10F276Z5 and its emulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2695 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN2695 Datasheet HTML 2Page - STMicroelectronics AN2695 Datasheet HTML 3Page - STMicroelectronics AN2695 Datasheet HTML 4Page - STMicroelectronics AN2695 Datasheet HTML 5Page - STMicroelectronics AN2695 Datasheet HTML 6Page - STMicroelectronics AN2695 Datasheet HTML 7Page - STMicroelectronics AN2695 Datasheet HTML 8Page - STMicroelectronics AN2695 Datasheet HTML 9Page - STMicroelectronics AN2695 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ST10F276Z5 registers not supported by the emulator
AN2695
6/13
3
ST10F276Z5 registers not supported by the emulator
This section describes all the emulation issues caused by the non-implementation of some
ST10F276Z5 registers in the ST10 bond-out and ST10F276Z5 emulators.
3.1
Software advice for non-implemented registers
When an ST10F276Z5 register is not implemented in the bond-out:
●
avoid unnecessary data read and check operations in this register
●
if some read accesses in user mode are necessary, use the CPU IDCHIP register to
detect which CPU is running the code. Then, allow the check on this register only for
the ST10F276Z5. If running from the bond-out, use a predefined, but non-initialized,
memory variable to set the desired configuration during emulation.
3.2
Port4 registers
Description: the ST10F276Z5 ODP4 register is not implemented on the ST10 bond-out.
This register is used to set the CAN-TxD pin handling alternate functions in push-pull or
open-drain. Usually, the open drain configuration on the CAN-TxD lines is used to put two
CAN modules in parallel.
Software impact: application software should only write to this register.
Hardware impact: no hardware impact if ST’s advice is implemented by the emulator party
(check with your emulator supplier).
ST10F276Z5 emulation impact: no impact if ST’s advice is implemented and if the
contents of the register are fixed at initialization (never changed during run time) and if the
emulator is properly configured.
Hint: use the CANPAR bit in the XMISC register to configure the two modules in parallel.
Note:
This limitation is already present in the ST10F269Zx.
3.3
Port5 registers
Description: the ST10F276Z5 P5DIDIS register is not implemented in the emulator. This
register is used to enhance the accuracy of analog inputs within the temperature and supply
voltage ranges.
Software impact: application software should only write to this register.
ST10F276Z5 emulation impact: no impact if software recommendations are used.
Note:
This limitation is already present in the ST10F269Zx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com