전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2695 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2695
상세설명  Differences between the ST10F276Z5 and its emulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2695 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2695 Datasheet HTML 1Page - STMicroelectronics AN2695 Datasheet HTML 2Page - STMicroelectronics AN2695 Datasheet HTML 3Page - STMicroelectronics AN2695 Datasheet HTML 4Page - STMicroelectronics AN2695 Datasheet HTML 5Page - STMicroelectronics AN2695 Datasheet HTML 6Page - STMicroelectronics AN2695 Datasheet HTML 7Page - STMicroelectronics AN2695 Datasheet HTML 8Page - STMicroelectronics AN2695 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Peripherals partly supported by the emulators
AN2695
4/13
2
Peripherals partly supported by the emulators
Some of the ST10F276Z5 peripherals are partly supported by the emulators. This section
describes the limitations encountered in emulating these peripherals.
2.1
A/D converter
Compared to that of the ST10F269Zx, the ST10F276Z5 ADC has been improved to support
24 channels instead of 16 and to have a faster conversion time. These improvements have a
small impact on the emulation and compatibility with the ST10F269Zx. They are explained
in the following sections.
2.1.1
ADC calibration process
Description: the ST10F276Z5 ADC auto-calibration process cannot be interrupted for
conversion. It was interruptible with the ST10F269Zx and the ST10 bond-out. The duration
of the calibration of the ST10F276Z5 is 40 650 cycles, which is very close to the 40 000
CPU clock cycles of the ST10F269Zx. The calibration starts automatically on each Reset
(external_hardware, internal_hardware or software reset). During the auto-calibration, the
ADCON.ADBSY bit is set (same behavior as the ST10F269Zx and ST10 bond-out).
Software impact: before starting the 1st ADC conversion, the application software should
check the busy bit in the ADCON register (ADBSY=1 during auto-calibration). There is no
impact for subsequent ADC configuration changes.
Hardware impact: no impact.
ST10F276Z5 emulation impact: no impact if ST’s advice is implemented. Real-time
differences due to the change in calibration process duration have to be analyzed for each
application.
Hint: check the busy bit in ADCON before the 1st initialization of the ADC.
2.1.2
ADC conversion timings
Description: to allow faster conversion, the ADC sampling clock has been changed. For the
same software configuration, this results in different sampling times for the ST10F276Z5
compared to the ST10F269Zx and the ST10-emulator. To keep the same real-time behavior,
the ADC overall timings between 2 consecutive conversions have not been changed.
Software impact: to avoid issues caused by sampling time not coherent with external RC
filters, it is proposed to modify the software to check which processor of the ST10F276Z5 or
the emulator is running the software (by checking ID-chip register), and to set the ADCON
sampling clock accordingly.
Hardware impact: no impact.
ST10F276Z5 emulation impact: no impact if ST’s advice is implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com