전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD703003 데이터시트(PDF) 20 Page - NEC

부품명 UPD703003
상세설명  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD703003 데이터시트(HTML) 20 Page - NEC

Back Button UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC UPD703003 Datasheet HTML 20Page - NEC UPD703003 Datasheet HTML 21Page - NEC UPD703003 Datasheet HTML 22Page - NEC UPD703003 Datasheet HTML 23Page - NEC UPD703003 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
µPD703003
20
Data Sheet U12261EJ2V1DS00
Table 6-1. List of Interrupts (2/2)
Interrupt/Exception Source
Default
Exception
Handler
Restored
Type
Category
Name
Control
Trigger Source
Unit
Priority
Register
Level
Code
Address
PC
Maskable
Interrupt
INTCSI3
CSIC3
CSI3 transmit/receive completion
SIO
24
0200H
00000200H
nextPC
Interrupt
INTSER0
SEIC0
UART0 receive error
SIO
25
0210H
00000210H
nextPC
Interrupt
INTSR0
SRIC0
UART0 receive completion
SIO
26
0220H
00000220H
nextPC
Interrupt
INTST0
STIC0
UART0 transmit completion
SIO
27
0230H
00000230H
nextPC
Interrupt
INTSER1
SEIC1
UART1 receive error
SIO
28
0240H
00000240H
nextPC
Interrupt
INTSR1
SRIC1
UART1 receive completion
SIO
29
0250H
00000250H
nextPC
Interrupt
INTST1
STIC1
UART1 transmit completion
SIO
30
0260H
00000260H
nextPC
Interrupt
INTAD
ADIC
A/D conversion completion
ADC
31
0270H
00000270H
nextPC
Remarks 1. Default priority: The default priority level is the level that takes precedence when multiple
maskable interrupt requests having the same priority level occur at the same
time. The highest priority level is level 0.
Restored PC: This is the PC value that is saved to EIPC or FEPC when interrupt or exception
handling is started. However, if an interrupt occurs during execution of the DIVH
(divide) instruction, the restored PC value is the PC value of the current instruction
(DIVH).
2. The invalid instruction execution address can be obtained using (restored PC-4) when an invalid
instruction code exception occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82