전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3129 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN3129
상세설명  Real-time performance using FIQ interrupt handling in SPEAr MPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3129 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN3129 Datasheet HTML 4Page - STMicroelectronics AN3129 Datasheet HTML 5Page - STMicroelectronics AN3129 Datasheet HTML 6Page - STMicroelectronics AN3129 Datasheet HTML 7Page - STMicroelectronics AN3129 Datasheet HTML 8Page - STMicroelectronics AN3129 Datasheet HTML 9Page - STMicroelectronics AN3129 Datasheet HTML 10Page - STMicroelectronics AN3129 Datasheet HTML 11Page - STMicroelectronics AN3129 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN3129
Conclusion
Doc ID 16927 Rev 1
9/12
5
Conclusion
The fast interrupt mechanism ensures a bounded performance with the Linux kernel without
any decrease in the overall system throughput. Its worst case is less than ten microseconds
(<10usec). However this deterministic behavior comes at the cost of some limitations in ISR
handler development, which can not utilize Linux kernel API and device driver framework.
The FIQ interrupt handling mechanism used, as described in this application note, is well-
suited for critical real time applications with SPEAr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12