전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3129 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN3129
상세설명  Real-time performance using FIQ interrupt handling in SPEAr MPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3129 데이터시트(HTML) 5 Page - STMicroelectronics

  AN3129 Datasheet HTML 1Page - STMicroelectronics AN3129 Datasheet HTML 2Page - STMicroelectronics AN3129 Datasheet HTML 3Page - STMicroelectronics AN3129 Datasheet HTML 4Page - STMicroelectronics AN3129 Datasheet HTML 5Page - STMicroelectronics AN3129 Datasheet HTML 6Page - STMicroelectronics AN3129 Datasheet HTML 7Page - STMicroelectronics AN3129 Datasheet HTML 8Page - STMicroelectronics AN3129 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN3129
IRQ latency measurement
Doc ID 16927 Rev 1
5/12
4
IRQ latency measurement
The latency measurement module is a Linux kernel module (LKM) available as part of the
STLinux SPEAr BSP release kernel code. This module can be statically linked with the
kernel at the time of the build.
This module is useful for measuring the IRQ or FIQ latency in a running system. The
statistics collected are:
●
Maximum latency (in microseconds)
●
Minimum latencies (in microseconds)
●
Total number of samples captured
●
Frequency distribution of IRQ handling latency in range [0-200] microseconds
Figure 3.
Linux Kernel IRQ latency measurement module
To see above modes in the kernel source directory:
1.
Run make menuconfig.
2.
Then navigate to ‘System Type’->’SPEAr Interrupt Latency Test’]
The source code of the latency measurement module is available in the STLinux SPEAr
BSP Linux kernel source code.
The file location is: arch/arm/plat-spear/latency_test.c
You can use this module as a starting point for writing a new FIQ handler.
4.1
Using the latency measurement module
The latency test module exchanges configurable parameters and measured results through
Linux sysfs filesystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12