전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3154 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 AN3154
상세설명  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 23Page - STMicroelectronics AN3154 Datasheet HTML 24Page - STMicroelectronics AN3154 Datasheet HTML 25Page - STMicroelectronics AN3154 Datasheet HTML 26Page - STMicroelectronics AN3154 Datasheet HTML 27Page - STMicroelectronics AN3154 Datasheet HTML 28Page - STMicroelectronics AN3154 Datasheet HTML 29Page - STMicroelectronics AN3154 Datasheet HTML 30Page - STMicroelectronics AN3154 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID017063 Rev 5
27/34
AN3154
Bootloader command set
33
Figure 21. Write Protect command: device side
1. WP = Write Protect
The STM32 sends messages as follows:
ACK message: Std ID = 0x63, DLC = 1, data[0] = ACK if the content of the command is
correct and ROP is not active else data[0] = NACK.
3.10
Write Unprotect command
The Write Unprotect command is used to disable the write protection of all the Flash
memory sectors. When the bootloader receives the Write Unprotect command, it transmits
the ACK message to the host if ROP is disabled else it transmits NACK. After the
transmission of the ACK message, the bootloader disables the write protection of all the
Flash memory sectors.
At the end of the Write Unprotect command, the bootloader transmits the ACK message and
generates a system Reset to take into account the new configuration of the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34