전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3154 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN3154
상세설명  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 25Page - STMicroelectronics AN3154 Datasheet HTML 26Page - STMicroelectronics AN3154 Datasheet HTML 27Page - STMicroelectronics AN3154 Datasheet HTML 28Page - STMicroelectronics AN3154 Datasheet HTML 29Page - STMicroelectronics AN3154 Datasheet HTML 30Page - STMicroelectronics AN3154 Datasheet HTML 31Page - STMicroelectronics AN3154 Datasheet HTML 32Page - STMicroelectronics AN3154 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DocID017063 Rev 5
29/34
AN3154
Bootloader command set
33
The STM32 sends messages as follows:
ACK message: Std ID = 0x73, DLC = 1, data[0] = ACK if the content of the command is
correct and ROP is not active else data[0] = NACK.
3.11
Readout Protect command
The Readout Protect command is used to enable the Flash memory read protection. When
the bootloader receives the Readout Protect command, it transmits the ACK message to the
host if ROP is disabled else it transmits NACK. After the transmission of the ACK message,
the bootloader enables the read protection for the Flash memory.
At the end of the Readout Protect command, the bootloader transmits the ACK message
and generates a system Reset to take into account the new configuration of the option byte.
Figure 24. Readout Protect command: host side
1. RDP_PRM = Readout Protect.
The host sends the messages as follows
Command message: Std ID = 0x82, DLC = 0x01, data[0] = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34