전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3155 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 AN3155
상세설명  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 29Page - STMicroelectronics AN3155 Datasheet HTML 30Page - STMicroelectronics AN3155 Datasheet HTML 31Page - STMicroelectronics AN3155 Datasheet HTML 32Page - STMicroelectronics AN3155 Datasheet HTML 33Page - STMicroelectronics AN3155 Datasheet HTML 34Page - STMicroelectronics AN3155 Datasheet HTML 35Page - STMicroelectronics AN3155 Datasheet HTML 36Page - STMicroelectronics AN3155 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DocID17066 Rev 6
33/37
AN3155
Bootloader command set
3.12
Readout Unprotect command
The Readout Unprotect command is used to disable the Flash memory read protection.
When the bootloader receives the Readout Unprotect command, it transmits the ACK byte
to the host. After the transmission of the ACK byte, the bootloader erases all the Flash
memory sectors and it disables the read protection for the entire Flash memory. If the erase
operation is successful, the bootloader deactivates the RDP.
If the erase operation is unsuccessful, the bootloader transmits a NACK and the read
protection remains active.
At the end of the Readout Unprotect command, the bootloader transmits an ACK and
generates a system Reset to take into account the new configuration of the option byte.
Note:
For most STM32 products, the readout unprotect operation induce a mass erase of the flash
memory, so the Host has to wait sufficient time after the second ACK and before restarting
connection. To know how much time this operation takes, please refer to the mass erase
time in the product datasheet (when relevant).
Figure 24. Readout Unprotect command: host side
1. RDU_PRM = Readout Unprotect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37