전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3209 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 AN3209
상세설명  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 34Page - STMicroelectronics AN3209 Datasheet HTML 35Page - STMicroelectronics AN3209 Datasheet HTML 36Page - STMicroelectronics AN3209 Datasheet HTML 37Page - STMicroelectronics AN3209 Datasheet HTML 38Page - STMicroelectronics AN3209 Datasheet HTML 39Page - STMicroelectronics AN3209 Datasheet HTML 40Page - STMicroelectronics AN3209 Datasheet HTML 41Page - STMicroelectronics AN3209 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
STTS75 I2C commands
AN3209
40/42
Doc ID 17419 Rev 2
.
Example
I2C_SS_BufferRead(pBuffer, 0x00, 0x02)
accesses the sensor temperature
register and stores the read value in pBuffer.
Table 16.
I2C_SS_Config()
Function description
Prototype
I2C_SS_BufferRead(unit8_t* pBuffer, unit16_t ReadAddr,
unit8_t NumberByteToRead)
Parameters
pBuffer: pointer to the buffer containing the 2-bytes temperature data
This buffer contains the acquired temperature coded on 2 bytes (refer to Table 8:
Relationship between temperature and digital output).
pBuffer[1] and pBuffer[2] are the MSB and the LSB, respectively.
ReadAddr: Pointer byte. The Pointer byte must be set to 0x00 to access the
temperature register.
NumberByteToRead: Number of bytes to read.
Returned
value
ErrorStatus:
SUCCEEDED
FAILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42