전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3307 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN3307
상세설명  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 12Page - STMicroelectronics AN3307 Datasheet HTML 13Page - STMicroelectronics AN3307 Datasheet HTML 14Page - STMicroelectronics AN3307 Datasheet HTML 15Page - STMicroelectronics AN3307 Datasheet HTML 16Page - STMicroelectronics AN3307 Datasheet HTML 17Page - STMicroelectronics AN3307 Datasheet HTML 18Page - STMicroelectronics AN3307 Datasheet HTML 19Page - STMicroelectronics AN3307 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Class B software package
AN3307
16/37
Doc ID 18186 Rev 4
Figure 2.
Control flow four-step checking principle
Note:
The unique number for the calling point for Component test 1 at the main level is defined as
5, and for the procedure itself it is defined as 7 in this example. The initial value of the
counters are set to 0 and 0xFFFFFFFF for simplicity. The table in the upper right corner of
Figure 2 shows how the counters are changed in four steps and their complementary state
after the last step of the checking policy (return from procedure) is done.
4.2
Package organization
This section describes how the ST solution is organized.
4.2.1
Projects included in the package
As well as the standard firmware and self-test libraries, the installation package includes two
projects for STM32 family - IAR’s EWARM and Keil’s MDK-ARM. The corresponding
Project.eww or Project.uvproj project file must be configured for a specific STM32Fxxx
family device before compilation.
The required linker files are predefined and the defined symbols for concrete configuration
are already declared in the preprocessor sections. For information on certain exceptions
and special cases, refer to Chapter 4.2.2: Tool-specific integration of the library.
MS18591V1
Coun ter
Coun ter_
0x00000005
0xFFFFFFFF
XOR
0xFFFFFFFA
0xFFFFFFFF
0xFFFFFFF3
0xFFFFFFF8
0xFFFFFFF4
0xFFFFFFF3
0 xFFFFFFFF
Counter = Counter + 7
Compon ent test 1
Counter_ = Counter_ - 7
Counter = Counter + 5
Counter_ = Counter _ - 5
Compon ent test 2
Compon ent test n
Flow check point
check Counter value
and Counter XOR Counter_ =
0xFFFFFFF F
Fail Safe routine
Fail
0x0000000C
0x0000000C
0x0000000C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37