전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3408 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN3408
상세설명  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics AN3408 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
NDEF data
AN3408
14/38
DocID018867 Rev 4
2.3.4
Specific TLV field
The two following specific TLV fields only contain a T field.
a)
NULL TLV
The NULL TLV can be used for padding of the data area.
b)
Terminator TLV
The terminator TLV shall be the last TLV block of the user data field.
Table 17. NULL TLV field description
T field
L field
V field
Length (bytes)
1
0
0
Description
0x00
Not present
Not present
Table 18. Terminator TLV description
T field
L field
V field
Length (bytes)
1
0
0
Description
0xFE
Not present
Not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38