전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3408 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN3408
상세설명  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 26Page - STMicroelectronics AN3408 Datasheet HTML 27Page - STMicroelectronics AN3408 Datasheet HTML 28Page - STMicroelectronics AN3408 Datasheet HTML 29Page - STMicroelectronics AN3408 Datasheet HTML 30Page - STMicroelectronics AN3408 Datasheet HTML 31Page - STMicroelectronics AN3408 Datasheet HTML 32Page - STMicroelectronics AN3408 Datasheet HTML 33Page - STMicroelectronics AN3408 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
User application flow charts
AN3408
30/38
DocID018867 Rev 4
5
User application flow charts
The following flow charts give an example of algorithms that allow to identify, read or write
an NDEF message contained inside ISO15693 contactless tag.
The ISO15693 commands are used. Refer to ISO/IEC 15693-3 description.
The card identification procedure checks the ISO/IEC 15693 specification compatibility with
the contactless tag present in the field.
5.1
ISO/IEC 15693 contactless tag identification flow chart
The following graph is a procedure to identify a contactless tag.
Figure 1. ISO/IEC 15693 contactless tag identification flow chart
1.
Inventory is a command defined in IEC/ISO 15693 specification or STM products datasheet.
Start
Send Inventory command
UID7 = 0xE0
No : The contactless tag is not an ISO15693
Yes
AI18889
UID6 = 0x02
No : the contactless tag
is not an STM product
Yes
Read Block 0
Block 0 = 0x00 00 00 00
No
Yes
Card identification
procedure for
black card
End
NDEF
detection
procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38