| 전자부품 데이터시트 검색엔진 |
|
PM0051 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0051 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 27 page ![]() Memory organization PM0051 6/27 Doc ID 14614 Rev 3 2 Memory organization This section describes the memory organization corresponding to: ● Access line and performance line STM8S microcontrollers ● Medium and high density STM8A microcontrollers STM8S microcontrollers offer low density (8 Kbytes), medium density (from 16 to 32 Kbytes) and high density (from 32 to 128 Kbytes) Flash program memory, plus data EEPROM. STM8A microcontrollers feature medium density (from 8 to 32 Kbytes) and high density (from 32 to 128 Kbytes) Flash memory, plus data EEPROM. The memory organization differs from one STM8 family to another. Refer to Section 2.1, Section 2.2, Section 2.3, Section 2.4, and Section 2.3 for a description of the memory organization according to microcontroller family and memory density. A memory accelerator takes advantage of the parallel 4-byte storage, which corresponds to a word. The Flash program memory and data EEPROM can be erased and programmed at byte level, word level or block level. In word programming mode, 4 bytes can be programmed/erased during the same cycle, while in block programming mode, a whole block is programmed/erase during the same cycle. Refer to Section 2.1, Section 2.2, Section 2.3, Section 2.4, and Section 2.3 for information on block size according to the devices. 2.1 Low density STM8S microcontrollers The memory array is divided into two areas: ● 8 Kbytes of Flash program memory organized in 128 pages or blocks of 64 bytes each. The Flash program memory is divided into 2 areas, the user boot code area (UBC), which size can be configured by option byte, and the main program memory area. The Flash program memory is mapped in the upper part of the STM8S addressing space and includes the reset and interrupt vectors. ● 640 bytes of data EEPROM (DATA) organized in 10 pages or blocks of 64 bytes each. One block (64 bytes) contains the option bytes of which 11 are used to configure the device hardware features. The options bytes can be programmed in user, IAP and ICP/SWIM modes. Refer to Table 1 for a detailed description of the memory partition for low density STM8S microcontrollers. |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |