| 전자부품 데이터시트 검색엔진 |
|
UM0097 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 229 page ![]() UM0097 Peripheral firmware overview 31/229 Table 11 lists the different values of the clock divider parameter. RCLK clock source The following enumeration defines the RCLK clock sources. RCLK_Clocks enumeration is defined in the file 71x_rccu.h: typedef enum { RCCU_PLL1_Output, RCCU_CLOCK2_16, RCCU_CLOCK2, RCCU_CK_AF } RCCU_RCLK_Clocks; Table 12 describes the RCLK clock sources. PLL1 multiplication factors The following enumeration defines the PLL1 multiplication factors. RCCU_PLL1_Mul enumeration is declared in the file 71x_rccu.h: typedef enum { RCCU_PLL1_Mul_12 = 0x01, RCCU_PLL1_Mul_16 = 0x03, RCCU_PLL1_Mul_20 = 0x00, RCCU_PLL1_Mul_24 = 0x02 } RCCU_PLL1_Mul; Table 11. Clock divider parameters Clock Divider Description RCCU_DEFAULT The default divider (reset value) division by 1 RCCU_RCLK_2 Divide the RCLK by 2 RCCU_RCLK_4 Divide the RCLK by 4 RCCU_RCLK_8 Divide the RCLK by 8 Table 12. RCLK clock sources RCLK Clock Source Description RCCU_PLL1_Output Select the PLL1 output as RCLK clock source RCCU_CLOCK2_16 Select the RCLK2/16 as RCLK clock source RCCU_CLOCK2 Select the Clock2 as RCLK clock source RCCU_CK_AF Select the RTC as RCLK clock source |