전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0224 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 UM0224
상세설명  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics UM0224 Datasheet HTML 23Page - STMicroelectronics UM0224 Datasheet HTML 24Page - STMicroelectronics UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
STR75x demonstration software
Running the demonstrations
23/34
Note:
If the OSIRIS wave is not loaded in the reserved SMI memory, the following message is
displayed on the LCD screen:
Recorded Wave
The following message is displayed on the LCD:
You can re-play a wave only by returning to the precedent sub-menu (Wave Player). The
following message is displayed on the LCD:
If "SEL" pressed, The following message is displayed on the LCD:
To stop playing press "SEL" or wait until the end of the wave and the MCU will stop it
automatically.
Note:
If there is no recorded wave or if the SMI memory reserved for recorded wave is erased, the
following message is displayed on the LCD screen:
No Loaded Wave
Press UP/DOWN
Recorded Wave
Wave Player
Recorded Wave
Play
STOP
Recorded Wave
No Recorded Wave
Press UP/DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34