전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4073 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN4073
상세설명  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 데이터시트(HTML) 2 Page - STMicroelectronics

  AN4073 Datasheet HTML 1Page - STMicroelectronics AN4073 Datasheet HTML 2Page - STMicroelectronics AN4073 Datasheet HTML 3Page - STMicroelectronics AN4073 Datasheet HTML 4Page - STMicroelectronics AN4073 Datasheet HTML 5Page - STMicroelectronics AN4073 Datasheet HTML 6Page - STMicroelectronics AN4073 Datasheet HTML 7Page - STMicroelectronics AN4073 Datasheet HTML 8Page - STMicroelectronics AN4073 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Contents
AN4073
2/32
DocID022945 Rev 5
Contents
1
Overview of parameters impacting the ADC accuracy . . . . . . . . . . . . . 6
2
Firmware techniques for improving the conversion accuracy . . . . . . . 7
2.1
Averaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1.1
Averaging of N ADC samples . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1.2
Averaging of N-X ADC samples . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.2
Additional recommendation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3
STM32F2 and STM32F4 practical measurements . . . . . . . . . . . . . . . . 11
3.1
Measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
3.1.1
Hardware setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.2
Firmware setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.2
Results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
3.2.1
ADC measurements when ART is ON . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.2.2
ADC measurements when ART is OFF . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.2.3
ADC measurements when (Data+Instruction) cache ON + prefetch OFF15
3.3
Timing considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
3.4
Measurement conclusion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
4
STM32F4 ADC accuracy options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.1
Configuration options for ADC accuracy . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.1.1
Option 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.1.2
Option 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.2
Practical measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4.2.1
Hardware Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.2.2
Common firmware setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.2.3
Results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.3
Measurement conclusions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Appendix A Averaging of N ADC samples: source code . . . . . . . . . . . . . . . . . . 26
Appendix B Averaging of N-X ADC samples: source code . . . . . . . . . . . . . . . . 27
Appendix C Firmware sequence to activate Option 1 and Option 2 . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32