전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4073 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 AN4073
상세설명  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 24Page - STMicroelectronics AN4073 Datasheet HTML 25Page - STMicroelectronics AN4073 Datasheet HTML 26Page - STMicroelectronics AN4073 Datasheet HTML 27Page - STMicroelectronics AN4073 Datasheet HTML 28Page - STMicroelectronics AN4073 Datasheet HTML 29Page - STMicroelectronics AN4073 Datasheet HTML 30Page - STMicroelectronics AN4073 Datasheet HTML 31Page - STMicroelectronics AN4073 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Averaging of N-X ADC samples: source code
AN4073
28/32
DocID022945 Rev 5
* @brief
Sort the N ADC samples
* @param ADC samples to be sorted
* @param Numbre of ADC samples to be sorted
* @retval None
*/
void Sort_tab(uint16_t tab[], uint8_t lenght)
{
uint8_t l=0x00, exchange =0x01;
uint16_t
tmp=0x00;
/* Sort tab */
while(exchange==1)
{
exchange=0;
for(l=0; l<lenght-1; l++)
{
if( tab[l] > tab[l+1] )
{
tmp = tab[l];
tab[l] = tab[l+1];
tab[l+1] = tmp;
exchange=1;
}
}
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32